Part Number Hot Search : 
27C64 ADF7242 BAS40XY 2SPA1 LM2901N 4ADR2 UG425 HD74H
Product Description
Full Text Search
 

To Download D1C121000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c 2004 cosmo electronics corporation http://www .cosmo-ic.com 33 coil ratings (at 20 ) parameter rating coil resistance 500 ( 10%) nominal coil voltage 12 vdc maximun continuous voltage 20 vdc must operate 9 vdc must release 1.2 vdc rated current 24 ma electrical characteristics parameter rating contact resistance 150 m (max) operate time 1.0 ms(max) bounce time 2.0 ms(max) release time 1.0 ms(max) insulation resistance (100vdc ) 10 9 (min) power 3 va(max) switching voltage 100 vdc(max) switching current 0.25 a(max) carry current 0.5 a(max) breakdown voltage ( across open contact ) 200 vdc(min) ( between coil & contact ) 500 vdc(min) life expectancy (signal level) 5 x 10 7 operating temp -40 to 85 storage temp -50 to125 resonant frequency 3.5 khz v ibration ( 10-2000hz ) 20 g (max) minimum permissible load 100 mvdc 10 g a D1C121000 reed relay outside dimension:unit (mm) schematic:top view features 1. molded epoxy body. 2. dip type construction with the same terminal pitch as ics or ttls simplifies pc board designing. in addition, the high sensitivity allows direct driving by ttl, etc. 3. automatic insertion compatible. 4. sealed construction permits automatic flow soldering and cleaning. 5. diode & magnetic shield are available.   v v unit unit v r  ul 60950 (file no.e108430)


▲Up To Search▲   

 
Price & Availability of D1C121000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X